PART |
Description |
Maker |
PMMAD1107 |
Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifiers; Package: DFN; No of Pins: 10; Temperature Range: 0°C to 70°C 核心驱动二极管阵列|
|
Analog Devices, Inc.
|
5962-9318702H4A 5962-9318702H5C 5962-9318702HUC 59 |
Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps SOT23, Micropower, Single-Supply, Rail-to-Rail I/O Op Amps Single, Dual, Quad, 1.2µA Max, Single-Supply Op Amps High-Output-Drive, Precision, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown Low-Cost, SOT23, Voltage-Output, High-Side Current-Sense Amplifier Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply Rail-to-Rail I/O Op Amps SOT23, Rail-to-Rail, Fixed-Gain, Gain Amps/Open-Loop Op Amps X32号的SRAM模块 350MHz/250MHz, 2-Channel Video Multiplexer-Amplifiers X32号的SRAM模块 x32 SRAM Module X32号的SRAM模块
|
Electronic Theatre Controls, Inc. Avago Technologies, Ltd. Bourns, Inc.
|
AD8615 AD8615ARJ AD8618 AD8615AD8616AD8618 AD8618A |
Precision 20 MHz CMOS Single Rail-to-Rail Input/Output Operational Amplifier Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers
|
AD[Analog Devices] adi
|
LT1498 LT1498CN8 LT1498CS8 LT1499 LT1499CS 14989F |
From old datasheet system 10MHz, 6V/s, Dual/Quad Rail-to-Rail Input and Output Precision C-Load Op Amps 10MHz, 6V/us, Dual/Quad Rail-to-Rail Input and Output Precision C-Load Op Amps
|
LINER[Linear Technology]
|
LT1633 LT1633CS LT1632CS8 LT1632CN8 16323F LT1632 |
From old datasheet system 45MHz/ 45V/us/ Dual/Quad Rail-to-Rail Input and Output Precision Op Amps 45MHz, 45V/us, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
|
LINER[Linear Technology]
|
LT1630 LT1630CS8 LT1631CS LT1631 LT1630CN8 16301F |
From old datasheet system 30MHz/ 10V/us/ Dual/Quad Rail-to-Rail Input and Output Precision Op Amps 30MHz, 10V/us, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
|
LINERA LINER[Linear Technology]
|
LT6000 LT6001CMS8 LT6001IMS8 LT6002CGN LT6000CDCB |
SINGLE, DUAL AND QUAD, 1.8V, 13UA PRECISION RAIL-TO-RAIL OP AMPS
|
Linear Technology
|
MAX4237 MAX4237A MAX4237EUT-T MAX4237BESA MAX4237A |
SOT23, Very High Precision, 3V/5V Rail-to-Rail Op Amps OP-AMP, 340 uV OFFSET-MAX, 7.5 MHz BAND WIDTH, PDSO8 "SOT23, Very High Precision, 3V/5V, Rail-to-Rail Op Amp (>5 Gain Stable)" "8-pin μMAX, Very High Precision, 3V/5V, Rail-to-Rail Op Amp (>5 Gain Stable)" SOT23 Very High Precision 3V/5V Rail-to-Rail Op Amps "?8-pin μMAX, Very High Precision, 3V/5V, Rail-to-Rail Op Amp (Unity Gain Stable)" SOT23 / Very High Precision / 3V/5V Rail-to-Rail Op Amps
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
LT1494IS8 LT1494HS8 LT1495HS8 LT1494IMS8 LT1494CN8 |
1.5UA Max, Single, Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps 1.5uA Max, Single, Dual and Quad Precision Rail-to-Rail Input and Output Op Amps; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C
|
Linear Technology Corporation
|
LT1630 LT1631 |
30MHz, 10V/s, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps 30MHz, 10V/µs, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
|
Linear Technology
|
|